Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR24L-SMA-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SR24L-SMA-R
Description  MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SR24L-SMA-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SR24L-SMA-R Datasheet HTML 1Page - Unisonic Technologies SR24L-SMA-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR24
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-064.a
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load.
PARAMETER
SYMBOL
RATINGS
UNIT
Recurrent Peak Reverse Voltage
VRRM
40
V
RMS Voltage
VRMS
28
V
DC Blocking Voltage
VDC
40
V
Average Forward Rectified Current
I(AV)
2.0
A
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-50~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
75
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
50.0
A
Instantaneous Forward Voltage at 2.0A (Note 1)
VF
0.5
V
DC Reverse Current TA=25°C (Note 1)
IR
0.5
mA
At Rated DC Blocking Voltage TA=100°C
20.0
mA
Notes: 1. Pulse Test with PW=300μs, 2% Duty Cycle.
2. Mounted on P. C. Board with 8.0mm
2 (.013mm thick) copper pad areas.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com