Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK6908L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK6908L-S08-R
Description  SINGLE-PHASE DC-FAN MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6908L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK6908L-S08-R Datasheet HTML 1Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 2Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 3Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 4Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 5Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SK6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R109-025.B
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Supply Current
ICC
20
mA
Circuit Current
IO
600
mA
FG Output Current
IFG
20
mA
SOP-8
700
mW
Power Dissipation
(Derate at Ta=25
reduce 5.5mW/
℃℃
)
HSOP-8
PD
1000
mW
Output Voltage
VOUT
20
V
Hall Input Common Mode Voltage Range
VHIC
1.0 ~ Vcc-0.5
V
Operating Temperature
TOPR
-20 ~ +100(Note1)
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note 1.For operation in ambient temperatures above 25
,the driver device must be derated based on a 150
℃℃
maximum temperature
Note 2.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Note 3.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+100℃.
ELECTRICAL CHARACTERISTICS (Ta=25℃ , VCC=5V)
PARAMETER
SYMBO
L
CONDITIONS
MIN TYP MAX UNIT
In drive mode (CT=L)
8
mA
Current Drain
ICC
In lockup protection mode (CT=H )
4.1
mA
Lockup Detection Capacitor Charge Current
ICT1
V 1PIN = 1.1V
2
2.8
4
uA
Capacitor Discharge Current
ICT2
V 1PIN = 1.1V
0.3
0.5
0.8
uA
Capacitor Charge/Discharge Current Ratio
RCT
5.6
CT charge Voltage
VCT1
1.9
V
CT Discharge Voltage
VCT2
0.7
V
Output Low Level Voltage
VOL
IO=200mA
0.3
0.7
V
Output High Level Voltage
VOH
IO=200mA
3.9
4.1
V
Hall Input Sensitivity
VHIN
Zero peak value
(including offset and hysteresis)
3
15
mV
Hall Input-Output Gain
GHO
320
500
680
FG Output Pin Low Voltage
VFG
IFG=5mA
0.3
0.5
V
FG Output Pin Leakage Current
IFG(LEAK) VFG=15V
0
10
uA
HALL SINGLE INPUT-OUTPUT TRUTH VALUE TABLE
H+
H-
OUT1
OUT2
FG
H
L
H
L
H
L
H
L
H
L
* CT=0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com