Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR24G-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SR24G-SMA-R
Description  MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SR24G-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SR24G-SMA-R Datasheet HTML 1Page - Unisonic Technologies SR24G-SMA-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SR24
Preliminary
DIODE
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R601-064.a
MINI SURFACE MOUNT
SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SR24 is a Schottky Rectifier with high current capacity,
ultra low thermal resistance, Low reverse leakage and low forward
voltage.
The UTC SR24 is suitable for surface mount applications.
FEATURES
* High Current Capability
* Built-in strain relief
* High surge capacity
* Low Forward Voltage
* Low Reverse Leakage
SMB
+
-
SMA
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SR24L-SMA-R
SR24G-SMA-R
SMA
K
A
Tape Reel
SR24L-SMB-R
SR24G-SMB-R
SMB
K
A
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode


Similar Part No. - SR24G-SMA-R

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR24 MOSPEC-SR24 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR24 PANJIT-SR24 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
SR24 WTE-SR24 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SR24 PANJIT-SR24 Datasheet
39Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR24 PANJIT-SR24 Datasheet
120Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR24G-SMA-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22 PANJIT-SR22_05 Datasheet
39Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22E PANJIT-SR22E Datasheet
188Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_05 Datasheet
50Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR34 PANJIT-BR34 Datasheet
104Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_09 Datasheet
120Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32E PANJIT-SR32E Datasheet
111Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR34 TAYCHIPST-BR34 Datasheet
1Mb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BR810 PANJIT-BR810 Datasheet
96Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR36-AU PANJIT-BR36-AU Datasheet
196Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_16 Datasheet
287Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com