Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7368PL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TA7368PL-S08-R
Description  0.6W AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7368PL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TA7368PL-S08-R Datasheet HTML 1Page - Unisonic Technologies TA7368PL-S08-R Datasheet HTML 2Page - Unisonic Technologies TA7368PL-S08-R Datasheet HTML 3Page - Unisonic Technologies TA7368PL-S08-R Datasheet HTML 4Page - Unisonic Technologies TA7368PL-S08-R Datasheet HTML 5Page - Unisonic Technologies TA7368PL-S08-R Datasheet HTML 6Page - Unisonic Technologies TA7368PL-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TA7368P
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R107-009,E
0.6W AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC TA7368P is suitable for the audio power amplifier
of portable cassette tape recorder and radio.
FEATURES
* Very Few External Components(Only Three Capacitors)
* Low Quiescent Current
* High Voltage Gain: Gv=40dB
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
TA7368PL-D08-T
TA7368PG-D08-T
DIP-8
Tube
TA7368PL-G09-T
TA7368PG-G09-T
SIP-9
Tube
TA7368PL-R10-R
TA7368PG-R10-R
SSOP-10
Tape Reel
TA7368PL-R10-T
TA7368PG-R10-T
SSOP-10
Tube
TA7368PL-S08-R
TA7368PG-S08-R
SOP-8
Tape Reel


Similar Part No. - TA7368PL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA7368PL-S08-R UTC-TA7368PL-S08-R Datasheet
261Kb / 7P
0.6W AUDIO POWER AMPLIFIER
TA7368PL-S08-R UTC-TA7368PL-S08-R Datasheet
211Kb / 7P
0.6W AUDIO POWER AMPLIFIER
More results

Similar Description - TA7368PL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
0.6W AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
Amplifier, Power, 0.6W 1.5-3.3 GHz
logo
List of Unclassifed Man...
TMPA221DS ETC2-TMPA221DS Datasheet
261Kb / 17P
2.7W 0.6W x 2 2.1 Channel CLASS-D AUDIO POWER AMPLIFIER
logo
LIGITEK electronics co....
LGXW-521E-TR1-D01 LIGITEK-LGXW-521E-TR1-D01 Datasheet
213Kb / 14P
0.6W Power Light LED
logo
Unisonic Technologies
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
0.6W AUDIO POWER AMPLIFIER
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
0.6W Power Light LED
LG-5630WKZ-DT-2-WW-D01 LIGITEK-LG-5630WKZ-DT-2-WW-D01 Datasheet
203Kb / 16P
0.6W Power Light LED
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
0.6W Power Light LED
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
0.6W AUDIO POWER AMPLIFIER
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com