Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8227APL-S20-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # TA8227APL-S20-R
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA8227APL-S20-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button TA8227APL-S20-R Datasheet HTML 2Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 3Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 4Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 5Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 6Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 7Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 8Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 9Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TA8227AP
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R107-021,D
TYPICAL CHARACTERISTICS(Cont.)
VCC -Pout
Supply Voltage VCC (V)
6
5
5
1
3
011
15
19
0
PD -Pout
Output Power Pout (W)
5
1
4
1
3
03
5
7
0
f = 1kHz
THD = 10%
4
2
7
9
13
17
RL = 6Ω
8Ω
4Ω
VCC = 12V
RL = 4Ω
f = 1kHz
9V
2
6
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com