Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA820M-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TBA820M-S08-R
Description  1.2W AUDIO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TBA820M-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TBA820M-S08-R Datasheet HTML 1Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 2Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 3Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 4Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TBA820M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R107-008.C
TYPICAL CHARACTERISTICS
Fig 1 Quienscent circuit current vs
Supply Voltage
Fig 2 Output power vs Supply Voltage
Fig 3 Total harmonic Distortion vs Output power
4
0
8
12
16
20
0
4
8
VIN=0
Supply Voltage(V)
4
0
8
12
16
20
Supply Voltage(V)
0
0.4
0.8
1.6
2.0
1.2
THD=10%
f=1kHz
RF=120
RL=4
RL=8
RL=16
0
0.4
0.8
1.2
1.6
Output Power(W)
0
4
8
12
16
Vcc=9V
RL=8
RF=120
f=1kHz
0
50
100
150
0
20
40
60
80
Fig 4 Voltage Gain vs Feedback resistance
Fig 5 Power Dissipation vs Output power
Vcc=9V
RL=8
f=1kHz
00.4
0.8
1.2
1.6
Output Power(W)
2.0
0
0.25
0.5
0
0.5
1.0
04
8
12
16
Supply Voltage(V)
20
RL=16
RL=8
RL=4
Fig 6 Power Dissipation vs Supply Voltage
Vcc=9V
RL=8
f=1kHz
Feedback Resistance( )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com