Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8227APG-S20-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # TA8227APG-S20-R
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA8227APG-S20-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button TA8227APG-S20-R Datasheet HTML 2Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 3Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 4Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 5Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 6Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 7Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 8Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 9Page - Unisonic Technologies TA8227APG-S20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA8227AP
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R107-021,D
TYPICAL CHARACTERISTICS(Cont.)
THD – POUT
THD – POUT
Output Power, POUT (W)
Output Power, POUT (W)
Signal Source Resistance Rg (Ω)
100
30
10
3
1
0.3
0.1
0.01
0.1
0.3
1
3
10
30
GV -f
80
60
40
20
0
30
100
1k
10k
100k
Frequency, f (Hz)
Frequency, f (Hz)
30
100
1k
10k
100k
0
-20
-40
-60
-80
C.T. - f
R.R. - Rg
0
-20
-40
-60
-80
30
100
1k
10k
100k
VCC=9V
RL=4Ω
RNF=120Ω
f=1kHz
RL=4Ω
RNF=120Ω
100
30
10
3
1
0.3
0.1
0.01
0.1
0.3
1
3
10
VCC=9V
RL=4Ω
RNF=120Ω
VCC=9V
RL=4Ω
Rg=600Ω
RNF=120Ω
VOUT=0.775Vrms
(0dBm)
VCC=9V
RL=4Ω
RNF=120Ω
f=100Hz
f=10kHz
1kHz
100Hz
VCC=6V
9V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com