Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button TDA2005 Datasheet HTML 8Page - Unisonic Technologies TDA2005 Datasheet HTML 9Page - Unisonic Technologies TDA2005 Datasheet HTML 10Page - Unisonic Technologies TDA2005 Datasheet HTML 11Page - Unisonic Technologies TDA2005 Datasheet HTML 12Page - Unisonic Technologies TDA2005 Datasheet HTML 13Page - Unisonic Technologies TDA2005 Datasheet HTML 14Page - Unisonic Technologies TDA2005 Datasheet HTML 15Page - Unisonic Technologies TDA2005 Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
13 of 16
www.unisonic.com.tw
QW-R107-035,D
TYPICAL CHARACTORISTICS
R
TH=4
℃
/W
80
60
100
0
10
8
VsS (V)
Fig. 7 Output Offset Voltage versus Supply Voltage
40
20
16
14
12
10
1
4
2
8
6
4
2
8
6
4
2
0.1
1
8
6
4
28
6
2
Po (W)
4
8
6
10
Fig. 8 Distortion versus Output Power
(bridge amplifier)
Vs=14.4V
Gy=50dB
L
=4Ω
R
f=1KHz
120
18
6
4
8
0
40
Tc (℃)
Fig. 6 Output Power and Drain Current Versus Case
Temperature
2
120
80
ID
POUT
Vs=13.2V
RL=3.2Ω
f=1KHz
0.9
0.6
0.3
160
1.2
10
180
10
1
4
2
8
6
4
2
8
6
4
2
0.1
1
8
6
4
28
6
2
Po (W)
4
8
6
10
Vs=13.2V
Gy=50dB
RL=3.2Ω
f=1KHz
Fig. 9 Distortion versus Output Power
(bridge amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com