Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button TDA2030 Datasheet HTML 5Page - Unisonic Technologies TDA2030 Datasheet HTML 6Page - Unisonic Technologies TDA2030 Datasheet HTML 7Page - Unisonic Technologies TDA2030 Datasheet HTML 8Page - Unisonic Technologies TDA2030 Datasheet HTML 9Page - Unisonic Technologies TDA2030 Datasheet HTML 10Page - Unisonic Technologies TDA2030 Datasheet HTML 11Page - Unisonic Technologies TDA2030 Datasheet HTML 12Page - Unisonic Technologies TDA2030 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
13 of 13
www.unisonic.com.tw
QW-R107-004,D
SHORT CIRCUIT PROTECTION
The UTC TDA2030 has an original circuit which limits the current of the output transistors. This function can be
considered as being peak power limiting rather than simple current limiting. It reduces the possibility that the device
gets damaged during an accidental short circuit from AC output to Ground.
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the following advantages:
1).An overload on the output (even if it is permanent),or an above limit ambient temperature can be easily
supported since the Tj can not be higher than 150
°C
2).The heatsink can have a smaller factor of safety compared with that of a congenital circuit, There is no
possibility of device damage due to high junction temperature increase up to 150
°C, the thermal shut-down
simply reduces the power dissipation and the current consumption.
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of Fig.14. Different values can
be used. The following table can help the designer.
COMPONENT
RECOMMENDED
VALUE
PURPOSE
LARGER THAN
RECOMMENDED VALUE
SMALLER THAN
RECOMMENDED
VALUE
R1
22K
Ω
Closed loop gaon
setting.
Increase of Gain
Decrease of Gain
R2
680
Ω
Closed loop gaon
setting.
Decrease of Gain
Increase of Gain
R3
22K
Ω
Non inverting input
biasing
Increase of input impedance
Decrease of input
impedance
R4
1
Ω
Frequency stability
Danger of oscillation at high
frequencies with inductive
loads.
R5
≈3R2
Upper frequency cutoff
Poor high frequencies
attenuation
Danger of oscillation
C1
1
µF
Input DC decoupling
Increase of low
frequencies cutoff
C2
22
µF
Inverting DC
decoupling
Increase of low
frequencies cutoff
C3,C4
0.1
µF
Supply voltage bypass
Danger of oscillation
C5,C6
100
µF
Supply voltage bypass
Danger of oscillation
C7
0.22
µF
Frequency stability
Larger bandwidth
C8
≈1/(2π*B*R1)
Upper frequency cutoff smaller bandwidth
Larger bandwidth
D1,D2
1N4001
To protect the device
against output voltage
spikes.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com