Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHT676 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LHT676
Description  Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LHT676 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LHT676 Datasheet HTML 1Page - Siemens Semiconductor Group LHT676 Datasheet HTML 2Page - Siemens Semiconductor Group LHT676 Datasheet HTML 3Page - Siemens Semiconductor Group LHT676 Datasheet HTML 4Page - Siemens Semiconductor Group LHT676 Datasheet HTML 5Page - Siemens Semiconductor Group LHT676 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
LH T676
Grenzwerte
Maximum Ratings
*) PC-board: FR4
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
–55…+100
˚C
Lagertemperatur
Storage temperature range
T
stg
–55…+100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
50
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
3V
Verlustleistung
Power dissipation
T
A ≤ 25 ˚C
P
tot
130
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
Montage auf PC-Board*) (Padgröße
≥ 16 mm2)
mounted on PC-Board*) (pad size
≥ 16 mm2)
R
th JA
450
K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com