Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF202L-X-AC3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TF202L-X-AC3-R
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TF202L-X-AC3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TF202L-X-AC3-R Datasheet HTML 1Page - Unisonic Technologies TF202L-X-AC3-R Datasheet HTML 2Page - Unisonic Technologies TF202L-X-AC3-R Datasheet HTML 3Page - Unisonic Technologies TF202L-X-AC3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF202
N-CHANNEL JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R210-001.F
ABSOLUTE MAXIMUM RATINGS ( TA=25°С, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Gate Drain Voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Power Dissipation
PD
100
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Drain Breakdown Voltage
BVGDO
IG=-100μA
-20
V
Gate Source Cut off Voltage
VGS(OFF)
VDS=5V, ID=1μA
-0.2
-0.6
-1.2
V
Drain Current
IDSS
VDS=5V, VGS=0
140
350
μA
Forward Transfer Admittance
lYFSl
VDS=5V, VGS=0, f=1KHz
0.5
1.2
mS
Input Capacitance
CISS
VDS=5V, VGS=0, f=1MHz
3.5
pF
Output Capacitance
CRSS
VDS=5V, VGS=0, f=1MHz
0.65
pF
Voltage Gain
GV
VIN=10mV, f=1KHz
-3
dB
Reduced Voltage Characteristic
GVV
VIN=10mV,f=1KHz, VCC=4.5V→1.5V
-1.2
-3.5
dB
Frequency Characteristic
GVf
f=1KHz to 110Hz
-1
dB
Input Resistance
ZIN
f=1KHz
25
M
Ω
Output Resistance
ZO
f=1KHz
700
Total Harmonic distortion
THD
VIN=30mV, f=1KHz
1
%
Output Noise Voltage
VNO
VIN=0
-110
dB
CLASSIFICATION OF IDSS
RANK
E4
E5
RANGE
140-240
210-350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com