Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT374L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT374L-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT374L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT374L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT374L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT374L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT374L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT374L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT374L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT374
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-646.A
TIMING REQUIREMENTS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=4.5V
31
Clock Frequency
fCLOCK
VCC=5.5V
36
MHz
VCC=4.5V
16
Pulse Width, CLK High or Low
tW
VCC=5.5V
14
ns
VCC=4.5V
20
Setup Time, Data Before CLK↑
tSU
VCC=5.5V
17
ns
VCC=4.5V
10
Hold Time, Data After CLK↑
tH
VCC=5.5V
10
ns
SWITCHING CHARACTERISTICS (See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=4.5V, CL=50pF
31
36
Maximum Clock Frequency
f(MAX)
VCC=5.5V, CL=50pF
36
40
MHz
VCC=4.5V, CL=50pF
30
36
VCC=5.5V, CL=50pF
25
32
VCC=4.5V, CL=150pF
40
46
From CLK to Q
tPD
(tPLH/tPHL)
VCC=5.5V, CL=150pF
35
41
ns
VCC=4.5V, CL=50pF
26
30
VCC=5.5V, CL=50pF
23
27
VCC=4.5V, CL=150pF
34
40
From OE to Q
tEN
(tPZL/tPZH)
VCC=5.5V, CL=150pF
29
36
ns
VCC=4.5V, CL=50pF
23
30
From OE to Q
tDIS
(tPLZ/tPHZ) VCC=5.5V, CL=50pF
22
27
ns
VCC=4.5V, CL=50pF
10
12
VCC=5.5V, CL=50pF
9
11
VCC=4.5V, CL=150pF
18
42
Output transition rise/fall time
tT
(tR/tF)
VCC=5.5V, CL=150pF
16
38
ns
OPERATING CHARACTERISTICS(Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No load, VCC = 5 V, f=1MHz
85
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com