Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT373G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT373G-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT373G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT373G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HCT373G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HCT373G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HCT373G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HCT373G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HCT373G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT373
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-655.A
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=4.5V, CL=50pF
25
35
VCC=5.5V, CL=50pF
21
32
VCC=4.5V, CL=150pF
32
52
From D to Q
VCC=5.5V, CL=150pF
27
47
VCC=4.5V, CL=50pF
28
35
VCC=5.5V, CL=50pF
25
32
VCC=4.5V, CL=150pF
38
52
From LE to Q
tPD
(tPLH/tPHL)
VCC=5.5V, CL=150pF
36
47
ns
VCC=4.5V, CL=50pF
26
35
VCC=5.5V, CL=50pF
23
32
VCC=4.5V, CL=150pF
33
52
From OE to Q
tEN
(tPZL/tPZH)
VCC=5.5V, CL=150pF
28
47
ns
VCC=4.5V, CL=50pF
23
35
From OE to Q
tDIS
(tPLZ/tPHZ) VCC=5.5V, CL=50pF
22
32
ns
VCC=4.5V, CL=50pF
10
12
VCC=5.5V, CL=50pF
9
11
VCC=4.5V, CL=150pF
18
42
Output transition rise/fall time
tT
(tR/tF)
VCC=5.5V, CL=150pF
16
38
ns
VCC=4.5V
20
Pulse Width, LE high
tW
VCC=5.5V
17
ns
VCC=4.5V
10
Setup Time, data before LE↓
tSU
VCC=5.5V
9
ns
VCC=4.5V
10
Hold Time, data after LE↓
tH
VCC=5.5V
10
ns
OPERATING CHARACTERISTICS(TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No Load
50
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com