Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOGT671 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LOGT671
Description  Multi TOPLED Bright Green Die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOGT671 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LOGT671 Datasheet HTML 1Page - Siemens Semiconductor Group LOGT671 Datasheet HTML 2Page - Siemens Semiconductor Group LOGT671 Datasheet HTML 3Page - Siemens Semiconductor Group LOGT671 Datasheet HTML 4Page - Siemens Semiconductor Group LOGT671 Datasheet HTML 5Page - Siemens Semiconductor Group LOGT671 Datasheet HTML 6Page - Siemens Semiconductor Group LOGT671 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
Besondere Merkmale
q
Gehäusebauform: P-LCC-4
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
P-LCC-4 package
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LOG T671-HO
LOG T671-LO
orange/
green
colorless clear
≥ 2.5
(8.0 typ.)
≥ 10.0
(15.0 typ.)
24 (typ.)
45 (typ.)
Q62703-Q3632
Q62703-Q3633
LSG T671-HK
LSG T671-J
LSG T671-K
LSG T671-JL
super-red/
green
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
6.3 ... 20.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3154
Q62703-Q3156
Q62703-Q3157
Q62703-Q3155
Multi TOPLED®
Bright Green Die
LOG T671, LSG T671


Similar Part No. - LOGT671

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOGT671 OSRAM-LOGT671 Datasheet
529Kb / 15P
white P-LCC-4 package, colorless clear resin
More results

Similar Description - LOGT671

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGT671 SIEMENS-LGT671 Datasheet
362Kb / 7P
TOPLED Bright Green Die
LSGA671 SIEMENS-LSGA671 Datasheet
50Kb / 7P
Multi SIDELED Bright Green Die
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
Multi TOPLED
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
Multi TOPLED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
Multi TOPLED
logo
Marktech Corporate
LM1-PPG1-01-N1 MARKTECH-LM1-PPG1-01-N1 Datasheet
57Kb / 2P
Ultra Bright Green TOPLED LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
Hyper Multi TOPLED Hyper-Bright LED
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
Multi TOPLED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com