Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G08G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G08G-SM1-R
Description  DUAL 2-INPUT POSITIVE-NAND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G08G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G08G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G08G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G00
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-428.A
DUAL 2-INPUT POSITIVE-NAND
GATE
DESCRIPTION
The U74LVC2G00 is a dual 2-input NAND gate which performs the
function
Y=A*B or
+
Y=A B . It is designed for 1.65V to 5.5V
operation.
FEATURES
* Wide Supply Voltage Range from 1.65V to 5.5V
* Max tPD of 4.3 ns at 3.3V
* Up to 5.5V Inputs Accept Voltages
* Low Power Consumption, ICC = 10 μA (Max.)
* ±24 mA Output Driver at 3.3V
* Typical VOLP (Output Ground Bounce) < 0.8V,
VCC = 3.3 V, TA = 25 °C
* Typical VOHV (Output VOH Undershoot) > 2V,
VCC = 3.3 V, TA = 25 °C
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G08G-SM1-R
MSOP-8
Tape Reel


Similar Part No. - U74LVC2G08G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G08G-SM1-R UTC-U74LVC2G08G-SM1-R Datasheet
157Kb / 5P
DUAL 2-INPUT AND GATE
U74LVC2G08G-SM1-R UTC-U74LVC2G08G-SM1-R Datasheet
209Kb / 5P
DUAL 2-INPUT AND GATE
More results

Similar Description - U74LVC2G08G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
DUAL 2 INPUT POSITIVE NAND GATE
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AS8003 TI-SN74AS8003 Datasheet
293Kb / 8P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00_09 Datasheet
527Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00W-EP TI1-SN74LVC2G00W-EP Datasheet
126Kb / 9P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI1-SN74ALS8003A_08 Datasheet
92Kb / 5P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com