Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G07 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G07
Description  BUFFERS WITH OPEN-DRAIN OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G07 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G07 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G07 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC2G07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-402.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage(Active Mode)
VOUT
-0.5~6.5
V
Output Voltage(Power-Down Mode)
VOUT
-0.5~6.5
V
Input Clamp Current(VIN<0)
IIK
-50
mA
Output Clamp Current(VOUT<0)
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Operating Ambient Temperature
TOPR
-40 ~ +125
℃
Storage Temperature
TSTG
-65 ~ +150
℃
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
Note:
3. When VCC =0V(Power-Down Mode),the output voltage can be 5.5V in normal operation.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
Active Mode
0
Vcc
Output Voltage
Vcc=0V; Power-Down Mode
VOUT
0
5.5
V
STATIC CHARACTERISTICS (TOPR =-40℃ to +85℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.65V~1.95V
0.65*VCC
VCC =2.3V~2.7V
1.7
VCC =3.0V~3.6V
2.0
High-Level Input Voltage
VIH
VCC =4.5V~5.5V
0.7* VCC
V
VCC =1.65V~1.95V
0.35* VCC
VCC =2.3V~2.7V
0.7
VCC =3.0V~3.6V
0.8
Low-Level Input Voltage
VIL
VCC =4.5V~5.5V
0.3* VCC
V
VCC =1.65V ~ 5.5V, IOL=100μA
0.1
VCC =1.65V, IOL=4mA
0.45
VCC =2.3V, IOL=8mA
0.3
VCC =2.7V, IOL=12mA
0.4
VCC =3.0V, IOL=24mA
0.55
Low-Level Output Voltage
VOL
VCC =4.5V, IOL=32mA
0.55
V
Input Leakage Current
II(LEAK)
VCC =1.65V ~ 5.5V, VIN=5.5V or 0
±0.1
±5
μA
Power OFF Leakage Current
IOFF
VCC =0V, VIN or Vo=5.5V
±0.1
±10
μA
Quiescent Supply Current
IQ
VCC =5.5V, VIN=VCC or GND, IOUT=0
0.1
10
μA
Additional Quiescent Supply
Current per pin
ΔIQ
VCC =2.3V ~ 5.5V, VIN=Vcc-0.6V, Io=0A
5
500
μA
Output OFF-state current
IOZ
VCC =5.5V, VIN=VIH or VIL
Vo = VCC or GND
±0.1
±10
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com