Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G08L-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G08L-SM1-R
Description  DUAL 2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G08L-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G08L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G08L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G08L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G08L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G08L-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC2G08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-437.B
ABSOLUTE MAXIMUM RATING (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage (Active Mode)
VOUT
-0.5~VCC+0.5
V
Output Voltage (Power-Down Mode)
VOUT
-0.5~+6.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
±50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
Active Mode
0
VCC
V
Power-Down Mode; VCC = 0V;
0
5.5
Input Transition Rise or Fall Rate
tR / tF
VCC=1.65V to 2.7V
20
ns/V
VCC=2.7V to 5.5V
10
Operating Temperature
TOPR
-40
125
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC = 1.65V to 1.95V
0.65* VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 2.7V to 3.6V
2.0
VCC = 4.5V to 5.5V
0.7* VCC
Low-Level Input Voltage
VIL
VCC = 1.65V to 1.95V
0.35* VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 2.7V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3* VCC
High-Level Output Voltage
VOH
IOH = -100μAVCC = 1.65V to 5.5V VCC -0.1
V
IOH = -4mA
VCC = 1.65V
1.2
1.53
IOH = -8mA
VCC = 2.3V
1.9
2.13
IOH = -12mA VCC = 2.7V
2.2
2.50
IOH = -24mA VCC = 3V
2.3
2.60
IOH = -32mA VCC = 4.5V
3.8
4.10
Low-Level Output Voltage
VOL
IOL = 100μAVCC = 1.65V to 5.5V
0.1
V
IOL = 4mA
VCC = 1.65V
0.08
0.45
IOL = 8mA
VCC = 2.3V
0.14
0.3
IOL = 12mA
VCC = 2.7V
0.19
0.4
IOL = 24mA
VCC = 3.0V
0.37
0.55
IOL = 32mA
VCC = 4.5V
0.43
0.55
Input Leakage Current
II(LEAK)
VIN = 5.5V or GND, VCC = 5.5V
±0.1
±5
μA
OFF-state Current
IOFF
VIN or VO = 5.5V, VCC = 0V
±0.1
±10
μA
Quiescent Supply Current
IQ
VIN = VCC or GND, IOUT= 0, VCC= 5.5V
0.1
10
μA
Additional quiescent Supply
Current
Δ IQ
One input at VCC – 0.6V; other inputs
at VCC or GND; VCC=2.3V to 5.5V
5
500
μA
Input Capacitance
CIN
2.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com