Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHT676-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LHT676-R
Description  Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LHT676-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LHT676-R Datasheet HTML 1Page - Siemens Semiconductor Group LHT676-R Datasheet HTML 2Page - Siemens Semiconductor Group LHT676-R Datasheet HTML 3Page - Siemens Semiconductor Group LHT676-R Datasheet HTML 4Page - Siemens Semiconductor Group LHT676-R Datasheet HTML 5Page - Siemens Semiconductor Group LHT676-R Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
11.96
Besondere Merkmale
q
Gehäusebauform: P-LCC-2
q
Gehäusefarbe: weiß
q
Doppel-Heterostruktur in GaAlAs Technologie,
transparentes Substrat (TS)
q
besonders hohe Lichtstärke
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
P-LCC-2 package
q
color of package: white
q
double heterojunction in GaAIAs technology, transparent substrate
q
superior luminous intensity
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839
Hyper TOPLED®
Hyper-Bright, Hyper-Red TS GaAIAs-LED
LH T676
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LH T676-NR
LH T676-P
LH T676-Q
LH T676-R
LH T676-PS
hyper-red
colorless clear
25 ... 200
40 ...
80
63 ... 125
100 ... 200
40 ... 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3140
Q62703-Q3164
Q62703-Q3141
Q62703-Q3142
Q62703-Q3143


Similar Part No. - LHT676-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LHT674 OSRAM-LHT674 Datasheet
516Kb / 21P
Optical Indicator
logo
Siemens Semiconductor G...
LHT674-KM SIEMENS-LHT674-KM Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT674-L SIEMENS-LHT674-L Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT674-LN SIEMENS-LHT674-LN Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
More results

Similar Description - LHT676-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
Hyper TOPLED White Hyper-Bright LED
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
BLUE LINE Hyper TOPLED Hyper-Bright LED
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
Hyper Multi TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com