Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G14G-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G14G-AL6-R
Description  DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G14G-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G14G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G14G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G14G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G14G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G14G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-355.B
ELECTRICAL CHARACTERISTICS (Ta=25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=1.65~5.5V, IOH=-100uA
VCC -0.1
V
VCC=1.65V, IOH=-4mA
1.20
V
VCC=2.3V, IOH=-8mA
1.90
V
VCC=3V, IOH=-16mA
2.40
V
VCC=3V, IOH=-24mA
2.30
V
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-32mA
3.80
V
VCC=1.65~5.5V, IOL =100uA
0.10
V
VCC=1.65V, IOL =4mA
0.45
V
VCC=2.3V, IOL =8mA
0.30
V
VCC=3V, IOL =12mA
0.40
V
VCC=3V, IOL =24mA
0.55
V
Low-Level Output Voltage
VOL
VCC=4.5V, IOL =32mA
0.55
V
Input Leakage Current
II(LEAK)
VCC=0V to 5.5V, VIN=0 or 5.5V
±5
μA
Power OFF Leakage Current
IOFF
VCC=0V, VIN or VOUT=5.5V,
±10
μA
Quiescent Supply Current
IQ
VCC=1.65V to 5.5V, IOUT=0
VIN=5.5V or GND
0.1
10
μA
Additional Quiescent Supply
Current Per Pin
ΔIQ
VCC=3V to 5.5V
One input at VCC-0.6V,
Other inputs at VCC or GND, IOUT =0
500
μA
Input Capacitance
CIN
VCC=3.3V, VIN =VCC or GND
4
pF
SWITCHING CHARACTERISTICS (see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC =1.8V±0.15V, VIN=VCC
CL=30pF, RL=1KΩ
3.90
9.50
ns
VCC=2.5V±0.2V, VIN=VCC
CL=30pF, RL=500Ω
1.90
5.70
ns
VCC =3.3V±0.3V, VIN=3V
CL=50pF, RL=500Ω
2.00
5.40
ns
Propagation Delay from
Input (nA) to Output(nY)
tPLH / tPHL
VCC=5V±0. 5V, VIN=VCC
CL=50pF, RL=500Ω
1.5
4.3
ns
OPERATING CHARACTERISTICS (Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=1.8V,f=10MHz
16
pF
VCC=2.5V,f=10MHz
17
pF
VCC=3.3V,f=10MHz
18
pF
Power Dissipation Capacitance
CPD
VCC=5V,f=10MHz
21
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com