Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G32G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G32G-SM1-R
Description  DUAL 2-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G32G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G32G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G32G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G32G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G32G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G32G-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G32G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G32
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-431.A
DUAL 2-INPUT POSITIVE-OR
GATE
DESCRIPTION
The U74LVC2G32 is a dual 2-input OR gate which performs the
function Y=A+B or Y=A * B . It is designed for 1.65V to 5.5V
operation.
FEATURES
* Wide Supply Voltage Range from 1.65V to 5.5V
* Max tPD of 3.8 ns at 3.3V
* Up to 5.5V Inputs Accept Voltages
* Low Power Consumption, ICC = 10 μA (Max.)
* ±24 mA Output Driver at 3.3V
* Typical VOLP (Output Ground Bounce) < 0.8V,
VCC = 3.3 V, TA = 25 °C
* Typical VOHV (Output VOH Undershoot) > 2V,
VCC = 3.3 V, TA = 25 °C
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G32G-SM1-R
MSOP-8
Tape Reel


Similar Part No. - U74LVC2G32G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G32G-SM1-R UTC-U74LVC2G32G-SM1-R Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
More results

Similar Description - U74LVC2G32G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
DUAL 2 INPUT POSITIVE OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
Dual 2-Input Positive-OR Gate
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com