Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G125-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G125-P08-R
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G125-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G125-P08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G125-P08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G125-P08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G125-P08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G125-P08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G125-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G125
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-136.B
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC2G125L consists of two bus buffers with 3-state
output controlled by enable input (nOE), when nOE is high, the
output is disable.
Inputs can be driven from either 3.3V or 5V devices, so the
device can be used in a mix 3.3V/5V system.
This device is full specified for partial power-down protective
circuit, preventing the backflow current through the device when
it is powered down.
FEATURES
* Operation Voltage Range: 1.65~5.5V
* Low Power Dissipation
* Input Accept Voltage to 5.5V
TSSOP-8
MSOP-8
Lead-free:
U74LVC2G125L
Halogen-free: U74LVC2G125G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
U74LVC2G125-P08-R
U74LVC2G125L-P08-R
U74LVC2G125G-P08-R
TSSOP-8
Tape Reel
U74LVC2G125-P08-T
U74LVC2G125L-P08-T
U74LVC2G125G-P08-T
TSSOP-8
Tube
U74LVC2G125-SM1-R
U74LVC2G125L-SM1-R
U74LVC2G125G-SM1-R
MSOP-8
Tape Reel
U74LVC2G125-SM1-T
U74LVC2G125L-SM1-T
U74LVC2G125G-SM1-T
MSOP-8
Tube


Similar Part No. - U74LVC2G125-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G125G-P08-R UTC-U74LVC2G125G-P08-R Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC2G125G-P08-T UTC-U74LVC2G125G-P08-T Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC2G125G-SM1-R UTC-U74LVC2G125G-SM1-R Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC2G125G-SM1-T UTC-U74LVC2G125G-SM1-T Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC2G125L-P08-R UTC-U74LVC2G125L-P08-R Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC2G125-P08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com