Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G66G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G66G-P08-R
Description  DUAL BILATERAL ANALOG SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G66G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G66G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 7Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 8Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
U74LVC2G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-432.B
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Off-State Switch Leakage Current
IS(OFF)
VIN = VCC and VOUT = GND or
VIN = GND and VOUT = VCC,
VC = VIL, VCC = 5.5V
(see Figure 2)
±0.1
μA
On-State Switch Leakage Current
IS(On)
VIN = VCC or GND, VC = VIH,
VOUT = Open, VCC = 5.5V
(see Figure 3)
±0.1
μA
Control Input Current
IIN
VC = VCC or GND, VCC = 5.5V
±0.1
μA
Quiescent Supply Current
IQ
VC = VCC or GND, VCC = 5.5V
1
μA
Additional Quiescent Supply
Current
Δ IQ
One input at VCC – 0.6V; VCC= 5.5V;
other inputs at VCC or GND
500
μA
Control Input Capacitance
CIN
VCC = 5.0V
3.5
pF
Switch Input/Output Capacitance
CIO(OFF)
VCC = 5.0V
6
pF
Switch Input/Output Capacitance
CIO(ON)
VCC = 5.0V
14
pF
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay From Input
(A or B) to Output (B or A)
tPLH / tPHL
(tPD)
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
2
ns
VCC=2.5±0.2V, RL=500Ω
1.2
VCC=3.3±0.3V, RL=500Ω
CL=50pF
0.8
VCC=5.0±0.5V, RL=500Ω
0.6
Propagation Delay From Input
(C) to Output (A or B)
tPZL / tPZH
(tEN)
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
2.3
10
ns
VCC=2.5±0.2V, RL=500Ω
1.6
5.6
VCC=3.3±0.3V, RL=500Ω
CL=50pF
1.5
4.4
VCC=5.0±0.5V, RL=500Ω
1.3
3.9
Propagation Delay From Input
(C) to Output (A or B)
tPLZ / tPHZ (tDIS)
VCC=1.8±0.15V, RL=1KΩ
CL=30pF
2.5
10.5
ns
VCC=2.5±0.2V, RL=500Ω
1.2
6.9
VCC=3.3±0.3V, RL=500Ω
CL=50pF
2
7.2
VCC=5.0±0.5V, RL=500Ω
1.1
6.3
ANALOG SWITCHING CHARACTERISTICS (TA =25°C) (Note)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Frequency Response (Switch On)
From Input (A or B) to Output
(B or A)
CL = 50 pF, RL = 600 Ω,
fIN = sine wave
(see Fig.4)
VCC = 1.65 V
35
ns
VCC = 2.3 V
120
VCC = 3 V
175
VCC = 4.5 V
195
CL = 5 pF, RL = 50 Ω,
fIN = sine wave
(see Fig.4)
VCC = 1.65 V
>300
VCC = 2.3 V
>300
VCC = 3 V
>300
VCC = 4.5 V
>300
Crosstalk (Note)
(Between Switches)
From Input (A or B) to Output
(B or A)
CL = 50 pF, RL = 600 Ω,
fIN = 1 MHz (sine wave)
(see Fig.6)
VCC = 1.65 V
-58
dB
VCC = 2.3 V
-58
VCC = 3 V
-58
VCC = 4.5 V
-58
CL = 5 pF, RL = 50 Ω,
fIN = 1 MHz (sine wave)
(see Fig.6)
VCC = 1.65 V
-42
VCC = 2.3 V
-42
VCC = 3 V
-42
VCC = 4.5 V
-42



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com