Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G125-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G125-SM1-R
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G125-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G125-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G125-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G125-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G125-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G125-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G125-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC2G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-136.B
STATIC CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VCC= 5.5V, VIN=5.5V or GND
±0.1
±5
μA
Output OFF-State Current
IOZ
VCC= 3.6V, VOUT=VCC or GND
±0.1
±10
μA
Power OFF Leakage Current
IOFF(LEAK) VCC= 0V, VIN or VOUT =5.5V
±0.1
±10
μA
Quiescent Supply Current
IQ
VCC= 5.5V, VIN=VCC or GND, IOUT=0
0.1
10
μA
Additional Quiescent Supply
Current
Δ IQ
VCC= 2.3V ~ 5.5V, One input at
VCC-0.6V, other inputs at VCC or GND
5
500
μA
Input Capacitance
CIN
VIN=VCC or GND
2
pF
DYNAMIC CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.8V±0.15
1
3.7
9.1
VCC =2.5V±0.2
0.5
2.5
4.8
VCC =2.7V
1
2.7
4.8
VCC =3.3V±0.3
0.5
2.3
4.3
Propagation Delay From Input (A)
to Output(Y)
tPLH/tPHL
VCC =5V±0.5
0.5
1.9
3.7
ns
VCC =1.8V±0.15
1.5
4.3
9.9
VCC =2.5V±0.2
1
2.8
5.6
VCC =2.7V
1.5
3.3
5.7
VCC =3.3V±0.3
0.5
2.4
4.7
Propagation Delay From Input
(n ΟΕ ) to Output(Y)
tPZL/tPZH
VCC =5V±0.5
0.5
2
3.8
ns
VCC =1.8V±0.15
1
3.5
11.6
VCC =2.5V±0.2
0.5
1.8
5.8
VCC =2.7V
1
2.7
4.8
VCC =3.3V±0.3
1
2.7
4.6
Propagation Delay From Input
(n ΟΕ ) to Output(Y)
tPLZ/tPHZ
VCC =5V±0.5
0.5
1.8
3.4
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Enable, f=10MHz
18
Power Dissipation Capacitance
Cpd
Output Disable, f=10MHz
5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com