Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G126L-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G126L-SM1-R
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G126L-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G126L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G126L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G126L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G126L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G126L-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G126L-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC2G126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-231.C
STATIC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND
IOUT=0
0.1
10
µA
Additional Quiescent Supply Current
Δ IQ
VCC=2.3V~5.5V, One input at
VCC- 0.6V, other inputs at VCC
or GND
5
500
µA
Input Capacitance
CIN
VIN=VCC or GND
2
pF
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay From
Input(
A) to Output(Y)
tPHL/tPLH
VCC=1.8V±0.15V
1
3.9
9.8
ns
VCC=2.5V±0.2V
0.5
2.6
4.9
ns
VCC=2.7V
1
2.8
4.7
ns
VCC=3.3V±0.3V
0.5
2.4
4.3
ns
VCC=5.0V±0.5V
0.5
1.9
3.2
ns
Propagation Delay From
Input(nOE) to Output(Y)
tPZH/tPZL
VCC=1.8V±0.15V
1.0
4.1
10
ns
VCC=2.5V±0.2V
1.0
2.6
5
ns
VCC=2.7V
1.0
2.8
4.7
ns
VCC=3.3V±0.3V
1.0
2.4
4.1
ns
VCC=5.0V±0.5V
0.5
1.8
3.1
ns
Propagation Delay From
Input(nOE) to Output(Y)
tPLZ/tPHZ
VCC=1.8V±0.15V
1
3.3
12.6
ns
VCC=2.5V±0.2V
0.5
1.9
5.7
ns
VCC=2.7V
1
3.0
4.8
ns
VCC=3.3V±0.3V
1
2.5
4.4
ns
VCC=5.0V±0.5V
0.5
1.8
3.3
ns
OPERATING CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
Output Enable
17
pF
Output Disable
5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com