Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC04AL-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC04AL-S14-R
Description  HEX INVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC04AL-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC04AL-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC04AL-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC04AL-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC04AL-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC04AL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC04A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-187.B
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current(ViN<0)
IIK
-50
mA
Output Clamp Current(VOUT<0)
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
500
mW
Power Dissipation
Derated Above 60°C
PD
5.5
mW/°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
3.6
V
Supply Voltage
VCC
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
125
°C
STATIC CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC= 1.65V~1.95V
0.65
× VCC
V
VCC=2.3V~2.7V
1.7
V
High-Level Input Voltage
VIH
VCC= 2.7V~3.6V
2
V
VCC= 1.65V~1.95V
0.35
×VCC
V
VCC=2.3V~2.7V
0.7
V
Low-Level Input Voltage
VIL
VCC= 2.7V~3.6V
0.8
V
VCC= 1.65V~3.6V, IOH=-100μA
VCC
-0.2
V
VCC= 1.65V, IOH=-4mA
1.29
V
VCC= 2.3V, IOH=-8mA
1.9
V
VCC= 2.7V, IOH=-12mA
2.2
V
VCC= 3V, IOH=-12mA
2.4
V
High-Level Output Voltage
VOH
VCC= 3V, IOH=-24mA
2.3
V
VCC= 1.65V~3.6V, IOL=100μA
0.1
V
VCC= 1.65V, IOL=4mA
0.24
V
VCC= 2.3V, IOL=8mA
0.3
V
VCC= 2.7V, IOL=12mA
0.4
V
Low-Level Output Voltage
VOL
VCC= 3V, IOL=24mA
0.55
V
Input Leakage Current
II(LEAK)
VCC= 3.6V, VIN=5.5V or GND
±1
μA
Quiescent Supply Current
IQ
VCC= 3.6V, VIN=VCC or GND, IOUT=0
1
μA
Additional quiescent Supply
Current
Δ IQ
VCC= 2.7V ~ 3.6V
One input at VCC- 0.6V,
other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VCC= 3.3V, VIN=VCC or GND
5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com