Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60N06L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 60N06L-TQ2-R
Description  60A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  60N06L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 60N06L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-121.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0 V, IS = 60A
1.6
V
Continuous Source Current
IS
60
A
Pulsed Source Current
ISM
120
Reverse Recovery Time
trr
IS=60A, VGS=0V, dIF/dt=100A/μs
60
ns
Reverse Recovery Charge
QRR
3.4
μC
Note: 1. ISD≤60A, di/dt≤300A/μs, VDD≤BVDSS, Starting TJ=25℃
2. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
3. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com