Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXAL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78DXXAL-TN3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXAL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78DXXAL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78DXXA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R101-010,M
3-TERMINALS 1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78DXXA family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1 A.
FEATURES
* Peak output current up to 1A.
* Fixed output voltage of 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V
and 24V available.
* Thermal overload shutdown protection.
* Short circuit current limiting.
* Output transistor SOA protection.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
78DXXAL-TN3-R
78DXXAG-TN3-R
TO-252
I
G
O
Tape Reel
Note: Pin Code: I: Input
G: GND
O: Output


Similar Part No. - 78DXXAL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXAL-TN3-R UTC-78DXXAL-TN3-R Datasheet
149Kb / 7P
Linear Integrated Circuit
78DXXAL-TN3-R UTC-78DXXAL-TN3-R Datasheet
205Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXAL-TN3-R UTC-78DXXAL-TN3-R Datasheet
213Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXAL-TN3-R ETL-78DXXAL-TN3-R Datasheet
348Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXXAL-TN3-R UTC-78DXXAL-TN3-R Datasheet
368Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78DXXAL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_09 Datasheet
205Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_11 Datasheet
213Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS78MXX AMS-AMS78MXX Datasheet
537Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXA ETL-78DXXA Datasheet
348Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_V01 Datasheet
358Kb / 10P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com