Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXML-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 78LXXML-S08-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXML-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  78LXXML-S08-R Datasheet HTML 1Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 2Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 3Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 4Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 5Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 6Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 7Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 8Page - Unisonic Technologies 78LXXML-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R101-002,I
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
05:5.0V
06:6.0V
08:8.0V
09:9.0V
10:10V
12:12V
15:15V
18:18V
24:24V
12
3
Date Code
Voltage Code
78L
L: Lead Free
G:Halogen Free
M
SOP-8
UTC
Date Code
78L
L: Lead Free
G: Halogen Free
Voltage Code
M
SOT-89
TO-92/
TO-92NL
UTC
78L
1
Date Code
Voltage Code
L: Lead Free
G: Halogen Free
M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com