Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78NXXL-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78NXXL-AB3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78NXXL-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78NXXL-AB3-R Datasheet HTML 1Page - Unisonic Technologies 78NXXL-AB3-R Datasheet HTML 2Page - Unisonic Technologies 78NXXL-AB3-R Datasheet HTML 3Page - Unisonic Technologies 78NXXL-AB3-R Datasheet HTML 4Page - Unisonic Technologies 78NXXL-AB3-R Datasheet HTML 5Page - Unisonic Technologies 78NXXL-AB3-R Datasheet HTML 6Page - Unisonic Technologies 78NXXL-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78NXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R101-033.C
3-TERMINAL 300mA POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78NXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications requiring supply
current up to 300mA.
FEATURES
* Output Current up to 300mA
* Fixed Output Voltage of 5V, 6V, 8V
* Thermal Overload Shutdown Protection
* Short Circuit Current Limiting
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
78NXXL-AB3-R
78NXXG-AB3-R
SOT-89
O
G
I
Tape Reel
78NXXL-AA3-R
78NXXG-AA3-R
SOT-223
O
G
I
Tape Reel
Note: XX: Output Voltage, refer to Marking Information


Similar Part No. - 78NXXL-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78NXXL-AB3-R UTC-78NXXL-AB3-R Datasheet
239Kb / 6P
3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
78NXXL-AB3-R UTC-78NXXL-AB3-R Datasheet
328Kb / 9P
3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78NXXL-AB3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78MXX UTC-78MXX Datasheet
239Kb / 6P
3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
78NXX UTC-78NXX_17 Datasheet
252Kb / 9P
3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
78NXX UTC-78NXX_V01 Datasheet
328Kb / 9P
3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com