Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78NXXG-AB3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78NXXG-AB3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78NXXG-AB3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78NXXG-AB3-R Datasheet HTML 1Page - Unisonic Technologies 78NXXG-AB3-R Datasheet HTML 2Page - Unisonic Technologies 78NXXG-AB3-R Datasheet HTML 3Page - Unisonic Technologies 78NXXG-AB3-R Datasheet HTML 4Page - Unisonic Technologies 78NXXG-AB3-R Datasheet HTML 5Page - Unisonic Technologies 78NXXG-AB3-R Datasheet HTML 6Page - Unisonic Technologies 78NXXG-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
78NXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R101-033.C
ELECTRICAL CHARACTERISTICS (Cont.)
For 78N08 (VIN=14V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
7.68
8.0
8.32
V
10.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
7.60
8.40
V
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA ~ 300mA
15
80
mV
TJ=25°C,IOUT=1mA ~ 40mA
8.0
40
mV
Line Regulation
ΔV
OUT
10.5V≦VIN≦23V, TJ=25°C
10
175
mV
11V≦VIN≦23V, TJ=25°C
8
125
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
ΔI
Q
11V≦VIN≦23V
1.5
mA
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
uV
Temperature Coefficient of VOUT
ΔV
O/ΔTIOUT=5mA
0.75
mV/°C
Ripple Rejection
RR
11V≦VIN≦23V,f=120Hz,TJ=25°C
39
70
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
Notes: 1. The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represent pulse test conditions with junction
temperatures specified at the initiation of test.
2. Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com