Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78NXXG-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78NXXG-AA3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78NXXG-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78NXXG-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78NXXG-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78NXXG-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78NXXG-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78NXXG-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78NXXG-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78NXXG-AA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
78NXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R101-033.C
ABSOLUTE MAXIMUM RATING (Operating temperature range applies, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
30
V
Output Current
IOUT
300
mA
Power Dissipation
SOT-89
PD
550
mW
SOT-223
750
Operating Temperature (Note 2)
TOPR
-40~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note:
1.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. It is guarantee by design, not 100% be tested.
ELECTRICAL CHARACTERISTICS
(0°C <TJ<125°C, C1=0.33uF, CO=0.1uF, unless otherwise specified) (Note 1)
For 78N05 (VIN=10V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
4.80
5.0
5.20
V
7V≦VIN≦VMAX
IOUT=1mA~300mA (Note 2)
4.75
5.25
V
Load Regulation
ΔV
OUT
TJ=25°C, IOUT=1mA ~ 300mA
11
60
mV
TJ=25°C, IOUT=1mA ~ 40mA
5.0
30
mV
Line Regulation
ΔV
OUT
7V≦VIN≦20V,TJ=25°C
8
150
mV
8V≦VIN≦20V,TJ=25°C
6
100
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
ΔI
Q
8V≦VIN≦20V
1.5
mA
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
uV
Temperature Coefficient of VOUT
ΔV
O/ΔTIOUT=5mA
-0.65
mV/°C
Ripple Rejection
RR
8V≦VIN≦20V, f=120Hz, TJ=25°C
41
80
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For 78N06 (VIN=12V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
5.76
6.0
6.24
V
8.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
5.7
6.3
V
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA ~ 300mA
12.8
80
mV
TJ=25°C,IOUT=1mA ~ 40mA
5.8
40
mV
Line Regulation
ΔV
OUT
8.5V≦VIN≦20V,TJ=25°C
64
175
mV
9V≦VIN≦20V,TJ=25°C
54
125
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
ΔI
Q
9V≦VIN≦20V
1.5
mA
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
uV
Temperature Coefficient of VOUT
ΔV
O/ΔTIOUT=5mA
0.75
mV/°C
Ripple Rejection
RR
10V≦VIN≦20V,f=120Hz,TJ=25°C
40
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com