Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXML-T92-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 78LXXML-T92-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXML-T92-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 78LXXML-T92-R Datasheet HTML 2Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 3Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 4Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 5Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 6Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 7Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 8Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 9Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R101-002,I
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC78L24M (VIN=33V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
23.04
24
24.96
V
27V V
≦ IN 38V,I
≦
OUT=1mA ~ 40mA
22.80
25.20
V
27V V
≦ IN V
≦ MAX,
IOUT=1mA - 200mA
22.80
25.20
V
(Note 2)
Load Regulation
ΔVOUT
TJ=25°C, IOUT=1mA ~ 100mA
40
200
mV
TJ=25°C, IOUT=1mA ~ 40mA
20
100
mV
Line Regulation
ΔVOUT
27V V
≦ IN 38V,T
≦
J=25°C
160
300
mV
28V V
≦ IN 38V,T
≦
J=25°C
150
250
mV
Quiescent Current
IQ
2.2
6.0
mA
Quiescent Current Change
ΔIQ
27V V
≦ IN 38V
≦
1.5
mA
1mA V
≦ IN 40mA
≦
0.1
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
200
μV
Temperature Coefficient of VOUT
ΔVO/ΔT IOUT=5mA
-2.0
mV/°C
Ripple Rejection
RR
27V V
≦ IN 38V,f=120Hz,T
≦
J=25°C
34
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
Note 1: The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represent pulse test conditions with junction
temperatures specified at the initiation of test.
Note 2: Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com