Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXXAL-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78TXXAL-TQ2-R
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAL-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78TXXAL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78TXXAL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78TXXAL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78TXXAL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78TXXAL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78TXXAL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78TXXAL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
78TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R101-011.J
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
VOUT=5~18V
VIN
35
V
Input Voltage
VOUT=24V
VIN
40
V
Output Current
IOUT
1
A
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°С
Operating Junction Temperature
TOPR
-40~ +85
°С
Storage Temperature
TSTG
-40~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TJ= 0°С-125°С,CI =0.33uF,CO=0.1uF,unless otherwise specified) (Note 1)
FOR 78T05A
(VIN=10V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA - 1.0A
4.80
5.0
5.20
V
Output Voltage
VOUT
VIN=7.5V~20V,IOUT=5mA-1.0A, PD 15W
≦
4.75
5.25
V
TJ=25°C, IOUT=5mA-1.0A
50
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
25
mV
VIN=7V~25V, TJ=25°C
50
mV
Line regulation
ΔVOUT
VIN=7.5V~20V, TJ=25°C, IOUT=1.0A
50
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
≦
8.0
mA
VIN=7.5V~20V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
40
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN=8V-18V, f=120Hz, TJ=25°C
62
80
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T06A
(VIN=11V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C, IOUT=5mA-1.0A
5.76
6.0
6.24
V
Output Voltage
VOUT
VIN=8.5V~21V,IOUT=5mA-1.0A, PD 15W
≦
5.70
6.30
V
TJ=25°C, IOUT=5mA-1.0A
60
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
30
mV
VIN=8V~25V, TJ=25°C
60
mV
Line regulation
ΔVOUT
VIN=8.5V~21V, TJ=25°C, IOUT=1.0A
60
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
≦
8.0
mA
VIN=8.5V~21V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
45
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-0.7
mV/
°C
Ripple Rejection
RR
VIN=9V-19V, f=120Hz, TJ=25°C
59
75
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com