Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXXAL-TQ3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78TXXAL-TQ3-R
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAL-TQ3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78TXXAL-TQ3-R Datasheet HTML 1Page - Unisonic Technologies 78TXXAL-TQ3-R Datasheet HTML 2Page - Unisonic Technologies 78TXXAL-TQ3-R Datasheet HTML 3Page - Unisonic Technologies 78TXXAL-TQ3-R Datasheet HTML 4Page - Unisonic Technologies 78TXXAL-TQ3-R Datasheet HTML 5Page - Unisonic Technologies 78TXXAL-TQ3-R Datasheet HTML 6Page - Unisonic Technologies 78TXXAL-TQ3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
78TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R101-011.J
ELECTRICAL CHARACTERISTICS(Cont.)
FOR 78T10A
(VIN=16V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C, IOUT=5mA-1.0A
9.60
10.0
10.40
V
Output Voltage
VOUT
VIN=12.5V~25V,IOUT=5mA-1.0A,PD 15W
≦
9.50
10.50
V
TJ=25°C, IOUT=5mA-1.0A
100
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
50
mV
VIN=13V~25V, TJ=25°C
100
mV
Line regulation
ΔVOUT
VIN=13V~25V, TJ=25°C, IOUT=1.0A
100
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
≦
8.0
mA
VIN=12.6V~25V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
58
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-1.1
mV/
°C
Ripple Rejection
RR
VIN=13V-23V, f=120Hz, TJ=25°C
56
72
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T12A
(VIN=19V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C, IOUT=5mA-1.0A
11.52
12.0
12.48
V
Output Voltage
VOUT
VIN=14.5V~27V,IOUT=5mA-1.0A,PD 15W
≦
11.40
12.60
V
TJ=25°C, IOUT=5mA-1.0A
120
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
60
mV
VIN=14.5V~30V, TJ=25°C
120
mV
Line regulation
ΔVOUT
VIN=14.6V~27V, TJ=25°C, IOUT=1.0A
120
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
≦
8.0
mA
VIN=14.5V~30V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
75
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-1.5
mV/
°C
Ripple Rejection
RR
VIN=15V-25V, f=120Hz, TJ=25°C
55
72
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T15A
(VIN=23V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
14.40
15.0
15.60
V
Output Voltage
VOUT
VIN=17.5V~30V,IOUT=5mA-1.0A,PD 15W
≦
14.25
15.75
V
TJ=25°C, IOUT=5mA-1.0A
150
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
75
mV
VIN=18.5V~30V, TJ=25°C
150
mV
Line regulation
ΔVOUT
VIN=17.7V~30V, TJ=25°C, IOUT=1.0A
150
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
≦
8.0
mA
VIN=17.5V~30V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
90
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-1.8
mV/
°C
Ripple Rejection
RR
VIN=18.5V~28.5V, f=120Hz, TJ=25°C
54
70
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com