Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSPT672-LP Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LSPT672-LP
Description  Super Multi TOPLED High-Current LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPT672-LP Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LSPT672-LP Datasheet HTML 1Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 2Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 3Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 4Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 5Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 6Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 7Page - Siemens Semiconductor Group LSPT672-LP Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
50
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
1A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
140
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-Board*) (Padgröße je
≥ 16 mm 2)
mounted on PC board*) (pad size
≥ 16 mm2 each)
R
th JA
1)
R
th JA
2)
380
530
K/W
K/W
*) PC-board: FR4
1) nur ein Chip betrieben
1)
one system only
2) beide Chips betrieben
2)
both systems on simultaneously
Notes
Die angegebenen Grenzdaten gelten für einen Chip.
The stated maximum ratings refer to one chip.
LOY T672, LSG T672, LSP T672
LOP T672, LOG T672, LYP T672



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com