Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8PCXXG-P-T92-E-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # 8PCXXG-P-T92-E-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8PCXXG-P-T92-E-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button 8PCXXG-P-T92-E-R Datasheet HTML 8Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 9Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 10Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 11Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 12Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 13Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 14Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 15Page - Unisonic Technologies 8PCXXG-P-T92-E-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 16
www.unisonic.com.tw
QW-R502-039,P
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
(5) N-Channel Drivre Output Current vs. VDS
0.0
12
81N16
1.0
0.5
1.5
2.0
0
15
9
6
VDS (V)
3
TA=25°C
VIN=1.5V
1.0V
0.2
0.6
1200
81N16
0.8
0.4
1.0
0
1400
1000
800
600
0
400
200
VIN=0.8V
0.7V
VDS (V)
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com