Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R4FF Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-TRP-R4FF
Description  CARD TRANSPONDER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-R4FF Datasheet(HTML) 2 Page - Texas Instruments

  RI-TRP-R4FF_09 Datasheet HTML 1Page - Texas Instruments RI-TRP-R4FF_09 Datasheet HTML 2Page - Texas Instruments RI-TRP-R4FF_09 Datasheet HTML 3Page - Texas Instruments RI-TRP-R4FF_09 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
OPERATING CHARACTERISTICS
RI-TRP-R4FF, RI-TRP-W4FF
SCBS836 – SEPTEMBER 2001
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-TRP-R4FF
RI-TRP-W4FF
Functionality
Read Only
Read/Write
Memory (Bits)
64
80(1)
Memory (Pages)
1
1
Operating Frequency
134.2
kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 100(2)
cm
Typical Programming Range
30% of specified reading range
Typical Reading Time
70
ms
Typical Programming Time
309
ms
Typical Programming Cycles
100,000
Case Material
PVC (Polyvinylchloride), white, without print
Protection Class
According to ISO 7810
Programmed code is not affected by normal electromagnetic interference or
EMC
x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Dimensions
85.5 mm
± 0.4 mm × 54 mm ± 0.4 mm × 1.3 mm ± 0.1 mm
Weight
12
g
(1)
We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as
is done by TI-RFid™ LF readers.
(2)
Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com