Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9TD Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-TRP-R9TD
Description  120mm CYLINDRICAL TRANSPONDER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-R9TD Datasheet(HTML) 1 Page - Texas Instruments

  RI-TRP-R9TD Datasheet HTML 1Page - Texas Instruments RI-TRP-R9TD Datasheet HTML 2Page - Texas Instruments RI-TRP-R9TD Datasheet HTML 3Page - Texas Instruments RI-TRP-R9TD Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1)
RI-TRP-R9TD, RI-TRP-W9TD, RI-TRP-D9TD
SCBS838 – SEPTEMBER 2001
120mm CYLINDRICAL TRANSPONDER
• Access Control
• Best in Class Performance Through Patented
HDX Technology
• Vehicle Identification
• Container Tracking
• Patented Transponder Tuning Provides Stable
and High Read/Write Performance
• Asset Management
• Waste Management
• 64 Bit Read Only, 80 Bit Read/Write
• ISO 11784/11785 Compliant
• Insensitive to Almost All Non Metallic
Materials
Texas Instruments’ 120mm cylindrical transponder provides superior performance and operates at a resonance
frequency of 134.2 kHz. Specific products are compliant to ISO/IEC 11784/11785 global open standards. Texas
Instruments LF transponders are manufactured with TI’s patented tuning process to provide consistent read and
write performance. Prior to delivery, the transponders undergo complete functional and parametric testing, in
order to provide the high quality customers have come to expect from TI. The transponder is well suited for
usage in a broad range of applications including, but not limited to, access control, vehicle identification,
container tracking, asset management and waste management applications.
over operating free-air temperature range (unless otherwise noted)
RI-TRP-R9TD
RI-TRP-W9TD
UNIT
Operating Temperature
–25 to +85
–25 to +70
°C
Storage Temperature
–40 to +100 (Total +125 for 1000 hours, +150 for 100 hours, +175 for 5 hours)
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-RFID is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-TRP-R9TD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9TD TI-RI-TRP-R9TD Datasheet
88Kb / 3P
120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD TI1-RI-TRP-R9TD Datasheet
544Kb / 5P
120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD-16 TI1-RI-TRP-R9TD-16 Datasheet
544Kb / 5P
120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD-30 TI1-RI-TRP-R9TD-30 Datasheet
544Kb / 5P
120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD TI1-RI-TRP-R9TD_16 Datasheet
544Kb / 5P
120mm CYLINDRICAL TRANSPONDER
More results

Similar Description - RI-TRP-R9TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC4715MS ETC1-AC4715MS Datasheet
59Kb / 1P
120mm FAN SERIES
logo
Texas Instruments
RI-TRP-R9TD TI-RI-TRP-R9TD Datasheet
88Kb / 3P
120mm CYLINDRICAL TRANSPONDER
logo
Qualtek Electronics Cor...
06450-B QUALTEK-06450-B Datasheet
207Kb / 1P
FAN FILTER SCREEN (120mm)
06450-M QUALTEK-06450-M Datasheet
207Kb / 1P
FAN FILTER SCREEN (120mm)
06450-SS QUALTEK-06450-SS Datasheet
203Kb / 1P
FAN FILTER SCREEN (120mm)
08146 QUALTEK-08146 Datasheet
221Kb / 1P
WIRE FORM FAN GUARD (120mm)
logo
BetLux Electronics
TLL-E27B120-061 BETLUX-TLL-E27B120-061 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
logo
Texas Instruments
RI-TRP-R9TD TI1-RI-TRP-R9TD_16 Datasheet
544Kb / 5P
120mm CYLINDRICAL TRANSPONDER
logo
ADL Embedded Solutions
ADL120S ADL-ADL120S Datasheet
613Kb / 2P
120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
logo
ORION FANS
OD1238-XC ORIONFANS-OD1238-XC Datasheet
625Kb / 3P
DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)
4/6/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com