Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82XXG-X-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 82XXG-X-AF5-R
Description  MONOLITHIC IC 82XX SERIES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82XXG-X-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  82XXG-X-AF5-R Datasheet HTML 1Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 2Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 3Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 4Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 5Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 6Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 7Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
82XX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-326.e
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
-0.3~+10
V
Manual Reset Input Voltage
VRESET
-0.3~+10
V
Power Dissipation
PD
400
mW
Operating Temperature
TOPR
-20~+75
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, Unless otherwise specified)
VS=2.5V~2.93V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detection Voltage
VS
VOL≤0.4V, VCC=H→L, RL=470Ω
(See Test Circuit 1)
VS
-0.15V
VS
VS
+0.15V
V
Low-Level Output Voltage
VOL
VCC=VS(min)-0.05V, RL=470Ω
(See Test Circuit 1)
0.1
0.4
V
Operating Power Supply Voltage
VOPL
RL=4.7kΩ, VOL≤0.4V
0.65
0.85
V
Hysteresis Voltage
ΔVS
VCC=L→H→L , RL=470Ω
(See Test Circuit 1)
30
50
100
mV
Detection Voltage Temperature
Coefficient
T
Δ
S
V
RL=470Ω, TA=-20°C~+75°C
(See Test Circuit 1)
±0.01
%/°C
Output Leakage Current
IOH
VCC=10V (See Test Circuit 1)
±0.1
µA
Circuit Current
(See Test Circuit 1)
On
ICCL
VCC= VS(MIN)-0.05V, RL=∞
300
600
µA
Off
ICCH
VCC=VS(TYP)/0.85V, RL=∞
200
350
µA
"H" Transport Delay Time
tPLH
RL=4.7KΩ, CL=100PF (Note 1)
(See Test Circuit 2)
P
30
50
75
mS
Q
60
100
150
mS
R
120
200
300
mS
S
240
400
600
mS
T
480
800
1200
mS
"L" Transport Delay Time
tPHL
RL=4.7kΩ, CL=100PF (Note 1)
(See Test Circuit 2)
10
µS
Output Current While on 1
IOL1
VCC=VS min.-0.05V, RL=0Ω
(See Test Circuit 1)
8
mA
Output Current While on 2
IOL2
TA=-20°C ~+75°C, RL=0Ω(Note 2)
(See Test Circuit 1)
6
mA
Manual Reset
Pin
Input High Voltage
VRESH
2.0
V
Input High Current
IRESH
VRESET=2V
80
µA
Input Low Voltage
VRESL
0.8
V
Notes: 1. tPLH: VCC= (VS(TYP)-0.4V) (VS(TYP)+0.4V)
tPHL: VCC= (VS(TYP)+0.4V) (VS(TYP)-0.4V)
2. VCC=VS(MIN)-0.15V
3. VOUT pin is low when manual reset pin is high.
VOUT pin is high when manual reset pin is low.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com