Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513EL-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3513EL-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513EL-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3513EL-S16-R Datasheet HTML 1Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 2Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 3Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 4Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 5Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 6Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 7Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 8Page - Unisonic Technologies 3513EL-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3513
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R502-129.B
FUNCTION DESCRIPTION(1)
ORDERING
OTP low level
OTP high level
FC/PWM
T(PSONB ON)/
T(PSONB OFF)
tg2
3513E
2.45V
3.25V
X
38ms
73μs
3513F
2.45V
3.25V
○
38ms
73μs
FUNCTION DESCRIPTION(2)
PGI
PSONB
UV&OC Protection
OV Protection
FPOB
PGO
PGI<1.2V
L
No
No
L
L
PGI<1.2V
L
No
Yes
H
L
PGI<1.2V
L
Yes
No
L
L
PGI<1.2V
L
Yes
Yes
H
L
PGI>1.2V
L
No
No
L
H
PGI>1.2V
L
No
Yes
H
L
PGI>1.2V
L
Yes
No
H
L
PGI>1.2V
L
Yes
Yes
H
L
X
H
X
X
H
L
Note: FPOB=L means: fault is not latched. FPOB=H means: fault is latched
PGO=L means: fault. PGO=H means: No fault
X=do not care



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com