Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3541L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3541L-S08-R
Description  CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3541L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  3541L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3541L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3541L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3541L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3541L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3541L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-035.C
TYPICAL CHARACTERISTICS
0
46
8
8
7
6
4
2
5
3
1
0
2
04
8
5
4
3
2
1
0
26
10
+4
10
1k
10k
-8
+8
-4
100k
+0
-12
Frequency, f(Hz)
-10
00.8
1.2
1.6
-60
10
-40
0.4
2
-20
-80
Mute Control Voltage, VTM(V)
100
0
-30
-50
-70
-10
-6
+6
+2
-2
VDD = 5V
VIN =0dBV
120k
-20
10
1k
10k
-100
+0
100k
-120
Frequency, f (Hz)
100
-80
-40
-60
-20
10
1k
10k
-90
+0
100k
-100
Frequency, f (Hz)
100
-80
-40
-60
-10
-30
-50
-70
Quiescent Current VS. Supply Voltage
RL=32Ω
MUTE: OFF
MUTE: ON
RL=32Ω
Supply Voltage, VDD(V)
Supply Voltage, VDD(V)
Bias DC Voltage VS. Supply Voltage
VDD=5V
VIN=0dBV
f=1kHz
RL=32Ω
Output Voltage VS. Mute Control Voltage
VDD=5V
RL=32Ω
Channel Separation VS. Frequency
VDD=5V
VIN=0dBV
RL=32Ω
Mute Attenuation VS. Frequency
Voltage Gain VS. Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com