Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78R06L-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78R06L-TN3-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78R06L-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78R06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78R06L-TN3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
78RXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R102-035.F
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified. )
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
35
V
Disable Voltage
VDIS
35
V
Output Current
IOUT
1.0
A
TO-220B/TO-220F-4
1.5
W
Power Dissipation
TO-252-5
PD
1
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220B/TO-220F-4
62.5
°C/W
Junction to Ambient
TO-252-5
θJA
110
°C/W
TO-220B/TO-220F-4
4
°C/W
Junction to Case
TO-252-5
θJC
12
°C/W
ELECTRICAL CHARACTERISTICS (IOUT =0.5A, TA = 25°C,unless otherwise specified)
For 78R33
(VIN=5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
VOUT
VIN = 5V
3.22
3.3
3.38
V
Dropout Voltage
VD
IOUT = 1A
0.5
V
Load Regulation
ΔVOUT
5mA < IOUT < 1A
0.1
2.0
%
Line Regulation
ΔVOUT
4V < VIN < 10V
0.5
2.5
%
Quiescent Current
IQ
IOUT = 0 A
10
mA
Ripple Rejection
RR
(Note)
45
55
dB
High
VDISH
Output Active
2.0
V
Disable Voltage
Low
VDISL
Output Disabled
0.8
V
High
IDISH
VDIS = 2.7V
0.02
mA
Disable Bias Current
Low
IDISL
VDIS = 0.4V
-0.4
mA
For 78R05
(VIN=7V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
VOUT
VIN = 7V
4.88
5
5.12
V
Dropout Voltage
VD
IOUT = 1A
0.5
V
Load Regulation
ΔVOUT
5mA < IOUT < 1A
0.1
2.0
%
Line Regulation
ΔVOUT
6V < VIN < 12V
0.5
2.5
%
Quiescent Current
IQ
IOUT = 0 A
10
mA
Ripple Rejection
RR
(Note)
45
55
dB
High
VDISH
Output Active
2.0
V
Disable Voltage
Low
VDISL
Output Disabled
0.8
V
High
IDISH
VDIS = 2.7V
0.02
mA
Disable Bias Current
Low
IDISL
VDIS = 0.4V
-0.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com