Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78R09L-TN3-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 78R09L-TN3-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78R09L-TN3-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 78R09L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 9Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 10Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 11Page - Unisonic Technologies 78R09L-TN3-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
78RXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R102-035.F
TYPICAL CHARACTERISTICS(Cont.)
0
0.5
1
2
Disable Voltage, VDIS (V)
Output Voltage vs Disable Voltage
0
Overcurrent Protection Characteristics
20
40
60
80
100
1.5
2.5
3
0
0.5
1.0
2.0
Output Current, IOUT (A)
1.5
2.5
3.0
9
8
7
6
5
3
1
4
2
0
10
9.06
9.04
9.02
9.00
8.98
8.96
8.94
8.92
-25
0
25
75
Junction Temperature, TJ (°С)
Output Voltage vs Temperature
0
Quescent Current vs Temperature
2
4
6
8
10
50
100
125
-25
025
75
50
100
125
Junction Temperature, TJ (°С)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com