Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2K-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB2K-AL6-R
Description  GENERAL PURPOSE (DUAL DIGITAL RANSISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2K-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UB2K-AL6-R Datasheet HTML 1Page - Unisonic Technologies UB2K-AL6-R Datasheet HTML 2Page - Unisonic Technologies UB2K-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UB2K
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-006.A
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
-40
Input Voltage
VIN
+10
V
IOUT
-30
Output Current
IC
-100
mA
Power Dissipation
PD
+150
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are the values beyond which the device will be damaged permanently.
Absolute maximum ratings are only stress ratings and it is not implied for functional device operation.
ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VI(OFF)
VCC=-5V, IOUT=-100µA
-0.5
Input Voltage
VI(ON)
VOUT=-0.3V, IOUT=-2mA
-3
V
Output Voltage
VO(ON)
IO/II=-10mA/-0.5mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-0.18 mA
Output Current
IO(OFF)
VCC=-50V, VIN=0V
-0.5
µA
DC Current Gain
hFE
VOUT=-5V, IOUT=-5mA
68
Transition Frequency
fT
VCE=-10V, IE=5mA, f=100MHZ (Note)
250
MHz
Input Resistance
R1
32.9
47
61.1
kΩ
Resistance Ratio
R2/R1
0.8
1
1.2
Note: Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com