Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012XL-S08-R Datasheet(PDF) 14 Page - Unisonic Technologies

Part # UB2012XL-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012XL-S08-R Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button UB2012XL-S08-R Datasheet HTML 9Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 10Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 11Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 12Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 13Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 14Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 15Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 16Page - Unisonic Technologies UB2012XL-S08-R Datasheet HTML 17Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
UB2012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
14 of 17
www.unisonic.com.tw
QW-R121-018 .C
APPLICATION INFORMATION(Cont.)
SELECTING AN EXTERNAL PASS-TRANSISTOR (Cont.)
P-CHANNEL MOSFET:
Selection steps for a P-channel MOSFET: Example: VI = 5.5 V, I(REG) = 500mA, 4.2-V single-cell Li-Ion (UTC
UB2012
C). VI is the input voltage to the charger and I (REG) is the desired charge current (see Figure 4).
1. Determine the maximum power dissipation, PD , in the transistor.
The worst case power dissipation happens when the cell voltage, V (BAT), is at its lowest (typically 3 V at the
beginning of current regulation phase) and VI is at its maximum.
Where VD is the forward voltage drop across the reverse-blocking diode (if one is used), and VCS is the voltage
drop across the current sense resistor.
PD = (VI-VD-V(CS)-V(BAT))×I(REG)
(10)
PD = (5.5-0.4-0.1-3)×0.5A
PD = 1W
2.
Determine the package size needed in order to keep the junction temperature below the manufacturer’s
recommended value, TJMAX. Calculate the total theta, θ(°C/W), needed.
θJA =
D
A(MAX)
MAX(J)
P
)
T
-
(T
(11)
θJA =
1
)
40
-
150
(
θJA = 110°C/W
Now choose a device package with a theta at least 10% below this value to account for additional thetas other
than the device. A SOP-8 package, for instance, has typically a theta of 70°C/W.
3. Select a drain-source voltage, V(DS), rating greater than the maximum input voltage. A 12V device will be
adequate in this example.
4. Select a device that has at least 50% higher drain current (ID) rating than the desired charge current I(REG).
5. Verify that the available drive is large enough to supply the desired charge current.
V(GS) = (VD+V(CS)+VOL(CC))-VI
(12)
V(GS) = ( 0.4+0.1+1.5)-5.5
V(GS) = -3.5
Where V(GS) is the gate-to-source voltage, VD is the forward voltage drop across the reverse-blocking diode (if
one is used), and VCS is the voltage drop across the current sense resistor, and VOL(CC) is the CC pin output low
voltage specification for the UTC UB2012.
Select a MOSFET with gate threshold voltage, V(GSTH), rating less than the calculated V(GS).
Now choose a P-channel MOSFET transistor that is rated for VDS≤-15V, θJA ≤110°C /W, ID ≥1A, V(GSTH)≥-3.5V
and in a SOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com