Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9013-x-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9013-x-T92-R
Description  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9013-x-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  9013-x-T92-R Datasheet HTML 1Page - Unisonic Technologies 9013-x-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9013
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R201-030.Ba
1W OUTPUT AMPLIFIER OF
POTABLE RADIOS IN CLASS
B PUSH-PULL OPERATION
FEATURES
* High total power dissipation. (625mW)
* High collector current. (500mA)
* Excellent hFE linearity.
* Complementary to UTC 9012
TO-92
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
9013-x-T92-B
9013L-x-T92-B
9013G-x-T92-B
TO-92
E
B
C
Tape Box
9013-x-T92-K
9013L-x-T92-K
9013G-x-T92-K
TO-92
E
B
C
Bulk
9013-x-T92-R
9013L-x-T92-R
9013G-x-T92-R
TO-92
E
B
C
Tape Reel
Note:
xx: Output Voltage, refer to Marking Information.


Similar Part No. - 9013-x-T92-R

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
9013-H-ABC0-D-EJ SCHURTER-9013-H-ABC0-D-EJ Datasheet
464Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Angled
More results

Similar Description - 9013-x-T92-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9013 FAIRCHILD-SS9013 Datasheet
40Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
2SC9013 ETC-2SC9013 Datasheet
81Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013 Datasheet
106Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9012 UTC-MMBT9012 Datasheet
99Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
9013 UTC-9013_2 Datasheet
110Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9013 UTC-MMBT9013_11 Datasheet
149Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com