Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93334L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 93334L-S08-R
Description  HIGH ENERGY IGNITION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

93334L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  93334L-S08-R Datasheet HTML 1Page - Unisonic Technologies 93334L-S08-R Datasheet HTML 2Page - Unisonic Technologies 93334L-S08-R Datasheet HTML 3Page - Unisonic Technologies 93334L-S08-R Datasheet HTML 4Page - Unisonic Technologies 93334L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
93334
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-006.B
BLOCK DIAGRAM AND TYPICAL APPLICATION
Component Values
Pickup
Series resistance = 800Ω±10% @ 25℃, inductance= 1.35H @ 1.0kHz @ 15Vrms
Coil
Leakage L=0.6mH, primary R=0.43Ω±5% @ 25℃, primary L=7.5mH ~ 8.5mH @ 5.0A
RL
Load resistor for pickup=12KΩ±20%
R1, R2
Input buffer resistors provide additional transient protection to the already clamped
inputs=20k±20%
C1, C2
For reduction of high frequency noise and spark transients induced in pick-up and leads;
optional and non-critical
RBAT
Provides load dump protection (but small enough to allow operation at VBAT =4.0V) =300Ω±20%
CFilter
Transient filter on VCC, non-critical
CDWELL
Stores reference, circuit designed for 0.1µF±20%
RGAIN
RGAIN/RD1 sets the DC gain of the current regulator =5.0k±20%
RD2
RD2/RD1 set up voltage feedback from RS
RS
Sense resistor (PDAG in thick film techniques) =0.075Ω±30%
RDRIVE
Low enough to supply drive to the output Darlington, high enough to keep VCE(SAT) of the IC
below Darlington turn-on during load dump = 100Ω±20%, 5.0W
RD1
Starting with 35Ω assures less than 5.5A, increasing as required to set 5.5A
RD1=(IO(PEAK) RS – VREF)/((VREF/RD2)-(1.4/RGAIN))-(≈100Ω)
FOR
IS SU E
JUL 17.2007
文件管 理 中心
UTC
Doc.Control
Center



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com