Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3500G-XX-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3500G-XX-AF5-R
Description  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UC3500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-072.E
ELECTRICAL CHARACTERISTICS(Cont.)
UC3500-3.6V
(VIN =2.2V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
3.49
3.6
3.71
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
750
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 3.9V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
Efficiency
η
IOUT = 10mA
84
%
IOUT = 50mA
86
%
IOUT = 100mA
85
%
UC3500-4.0V
(VIN =2.4V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
3.88
4.0
4.12
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
19
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
740
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 4.3V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
Efficiency
η
IOUT = 10mA
85
%
IOUT = 50mA
87
%
IOUT = 100mA
85
%
UC3500-5.0V
(VIN = 3.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
4.85
5.0
5.15
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
19
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
730
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 5.3V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
Efficiency
η
IOUT = 10mA
86
%
IOUT = 50mA
88
%
IOUT = 100mA
85
%
Note: VF references to the forward voltage of the diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com