Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3550G-XX-AF5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3550G-XX-AF5-R
Description  PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550G-XX-AF5-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UC3550G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3550G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-082,C
TYPICAL CHARACTERISTICS(Cont.)
0. 01
20
40
60
0.1
0
110
100
1000
80
100
Efficiency vs Output Current (5.0V)
0
0.4
0.8
1.2
20
40
60
80 100
1.6
2.0
0.0
VIN=3.0V
VIN=2.0V
VIN=0.9V
Output Current, IOUT (mA)
Startup/Hold Voltage vs Output Current
(Using MOSFET) Output Current (3.3V)
VSTART
VNOLD
Output Current, IC (mA)
-50
5
10
15
-
25
0
25
50
100
20
25
75
0
0
120
140
160
200
400
600
800
180
200
1000
100
80
60
40
20
0
EXT ON-Resistance vs Temperature
VOUT=5.0V×0.96
VEXT=VOUT-0.4V
Open-Loop Test
VOUT=5.0V×0.96
VEXT=0.4V
Open-Loop Test
Temperature℃
Output Current, IOUT (mA)
VIN=2.0V
VIN=1.5V
VIN=3.0V
VIN=4.5V
Ripple Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com