Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70X Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BAS70X
Description  SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAS70X Datasheet(HTML) 3 Page - Unisonic Technologies

  BAS70X Datasheet HTML 1Page - Unisonic Technologies BAS70X Datasheet HTML 2Page - Unisonic Technologies BAS70X Datasheet HTML 3Page - Unisonic Technologies BAS70X Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS70x
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-017,C
ABSOLUATE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNITS
DC Voltage
VR
70
V
Forward Continuous Current
IF
70
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
-55 ~ +150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse Breakdown Voltage
BVR
IR= 10μA
70
V
Reverse Voltage Leakage Current
IR
VR=50V
100
nA
Forward Voltage
VF
IF=1mA
410
mV
IF=15mA
1000
mV
Diode Capacitance
CD
VR=0V, f=1MHz
2
pF
Reveres Recovery Time
tRR
IF=IR=10mA, IRR=0.1xIR,
RL=100Ω
5
nS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com